Part Number Hot Search : 
MIC2776 FT313HP AME8816 SCBK2 MHW72 M324N 2SK22 LB101
Product Description
Full Text Search
 

To Download MC74VHC1G14DFT2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Schmitt-Trigger Inverter
MC74VHC1G14
The MC74VHC1G14 is a single gate CMOS Schmitt-trigger inverter fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The MC74VHC1G14 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This allows the MC74VHC1G14 to be used to interface 5 V circuits to 3 V circuits. The MC74VHC1G14 can be used to enhance noise immunity or to square up slowly changing waveforms. * High Speed: t PD = 4.0 ns (Typ) at V CC = 5 V * Low Power Dissipation: I CC = 2 mA (Max) at T A = 25C * Power Down Protection Provided on Inputs * Balanced Propagation Delays * Pin and Function Compatible with Other Standard Logic Families * Chip Complexity: FETs = 101; Equivalent Gates = 25
MARKING DIAGRAMS
5 4 1 2 3
VAd
SC-70/SC-88A/SOT-353 DF SUFFIX CASE 419A
Pin 1 d = Date Code
5 4
Figure 1. Pinout (Top View)
1 2 3
VAd
Figure 2. Logic Symbol
Pin 1 d = Date Code
SOT-23/TSOP-5/SC-59 DT SUFFIX CASE 483
FUNCTION TABLE
PIN ASSIGNMENT 1 2 3 4 5 NC IN A GND OUT Y V CC Inputs A L H Output Y H L
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet.
VH14-1/4
LESHAN RADIO COMPANY, LTD.
MC74VHC1G14
MAXIMUM RATINGS
Value Unit - 0.5 to + 7.0 V - 0.5 to +7.0 V V CC=0 - 0.5 to +7.0 V High or Low State -0.5 to V cc + 0.5 I IK Input Diode Current -20 mA I OK Output Diode Current V OUT < GND; V OUT > V CC +20 mA I OUT DC Output Current, per Pin + 25 mA I CC DC Supply Current, V CC and GND +50 mA PD Power dissipation in still air SC-88A, TSOP-5 200 mW JA Thermal resistance SC-88A, TSOP-5 333 C/W TL Lead Temperature, 1 mm from Case for 10 s 260 C TJ Junction Temperature Under Bias + 150 C T stg Storage temperature -65 to +150 C V ESD ESD Withstand Voltage Human Body Model (Note 2) >2000 V Machine Model (Note 3) > 200 Charged Device Model (Note 4) N/A I LATCH-UP Latch-Up Performance Above V CC and Below GND at 125C (Note 5) 500 mA 1. Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied. Functional operation should be restricted to the Recommended Operating Conditions. 2. Tested to EIA/JESD22-A114-A 3. Tested to EIA/JESD22-A115-A 4. Tested to JESD22-C101-A 5. Tested to EIA/JESD78 DC Supply Voltage DC Input Voltage DC Output Voltage RECOMMENDED OPERATING CONDITIONS Symbol Parameter V CC DC Supply Voltage V IN DC Input Voltage V OUT DC Output Voltage TA Operating Temperature Range Symbol V CC V IN V OUT Parameter
Min 2.0 0.0 0.0 - 55
Max 5.5 5.5 V CC + 125
Unit V V V C
TIME TO 0.1% BOND FAILURES
Junction Temperature C 80 90 100 110 120 130 140 Time, Hours 1,032,200 419,300 178,700 79,600 37,000 17,800 8,900 Time, Years 117.8 47.9 20.4 9.4 4.2 2.0 1.0
NORMALIZED FAILURE RATE
DEVICE JUNCTION TEMPERATURE VERSUS
1
1
10
100
1000
TIME, YEARS
Figure 3. Failure Rate vs. Time Junction Temperature
VH14-2/4
LESHAN RADIO COMPANY, LTD.
MC74VHC1G14
DC ELECTRICAL CHARACTERISTICS Symbol V T+ Parameter Positive Threshold Voltage Negative Threshold Voltage VH Hysteresis Voltage Test Conditions V CC (V) 3.0 4.5 5.5 3.0 4.5 5.5 3.0 4.5 V IN < V T - Min I OH = -50 A I OH = -4 mA I OH = -8 mA V OL Maximum Low-Level Output Voltage V IN > V T + MinL I OL = 50 A I OL = 4 mA I IN I CC Maximum Input Leakage Current Maximum Quiescent Supply Current AC ELECTRICAL CHARACTERISTICS C load = 50 pF, Input t r = t f = 3.0 ns T A = 25C Symbol Parameter t PLH , Maximum t PHL Propagation Delay, Input A to Y Test Conditions V CC = 3.3 0.3 V C L = 15 pF C L = 50 pF V CC = 5.0 0.5 V C L = 15 pF C L = 50 pF C IN Maximum Input Capacitance Power Dissipation Capacitance (Note 6) Min Typ 7.0 8.5 4.0 5.5 5 Max 12.8 16.3 8.6 10.6 10 5.5 2.0 3.0 4.5 3.0 4.5 2.0 3.0 4.5 3.0 T A = 25C T A < 85C -55CV T-
0.30 0.57 0.40 0.67 0.50 0.74 1.9 2.0 2.9 4.4 2.58 3.94 0.0 0.0 0.0 3.0 4.5
0.30 1.20 0.30 0.40 1.40 0.40 0.50 1.60 0.50 1.9 1.9 2.9 4.4 2.48 3.80 2.9 4.4 2.34 3.66 0.1 0.1 0.1 0.44 0.44 1.0 20
V OH
Minimum High-Level Output Voltage
0.1 0.1 0.1 0.36 0.36 0.1 2.0
0.1 0.1 0.1 0.52 0.52 1.0 40
V
4.5 I OL = 8 mA V IN = 5.5 V or GND 0 to5.5 V IN = V CC or GND 5.5
A A
T A < 85C -55CC PD
Typical @ 25C, V CC = 5.0 V 7.0
pF
6. C PD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: I CC(OPR) = C PD * V CC * f in + I CC . C PD is used to determine the no- load dynamic power consumption; P D = C PD * V CC 2 * f in + I CC * V CC .
VH14-3/4
LESHAN RADIO COMPANY, LTD.
MC74VHC1G14
Figure 4. Switching Waveforms
*Includes all probe and jig capacitance
Figure 5. Test Circuit
DEVICE ORDERING INFORMATION Device Nomenclature
Device Temp Order Number Circuit Device Range Technology Indicator Function Identifier MC74VHC1G02DFT1 MC74VHC1G02DFT2 MC74VHC1G02DTT1 MC MC MC 74 74 74 VHC1G VHC1G VHC1G 14 14 14 Package Suffix DF DF DT Tape & Reel Suffix T1 T2 T1 Package Type (Name/SOT#/ Common Name) Tape and Reel Size
SC-70/SC-88A/ SOT-353 SC-70/SC-88A/ SOT-353 SOT-23/TSOPS/ SC-59
178 mm (7 in) 3000 Unit 178 mm (7 in) 3000 Unit 178 mm (7 in) 3000 Unit
VH14-4/4


▲Up To Search▲   

 
Price & Availability of MC74VHC1G14DFT2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X